PART |
Description |
Maker |
109D706X9015F2E3 109D706X9015F0E3 109D826X0075F2B |
CAP 70UF 15VDC 10% 7.52 X 17.86MM AXL PLASTIC - Trays CAP 70UF 15VDC 10% 7.14 X 16.26MM AXL PLASTIC - Trays AXIAL,WET TA,82UF,75V,20%,F CASE,EX-RNG,SLV'D - Bulk CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 60 V, 8.2 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 50 V, 60 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 30 V, 8 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAP 25UF 8VDC 20% 5.16 X 13.08MM AXL PLASTIC - Trays CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 100 V, 2.5 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAP 25UF 8VDC 20% 4.75 X 11.51MM AXL PLASTIC - Trays CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 100 V, 30 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 8 V, 430 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAP 430UF 30VDC 20% 10.31 X 23.4MM AXL PLASTIC - Trays CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 125 V, 1.7 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 50 V, 4.5 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAP 360UF 50VDC 20% 9.53 X 26.97MM AXL PLASTIC - Trays CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 60 V, 4 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 15 V, 70 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 15 V, 540 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 30 V, 40 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 125 V, 9 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 50 V, 60 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT
|
Vishay Sprague
|
G61XS G61XS-000 G618S G619S G611S |
MULTI-ELEMENT LED LIGHT SOURCE T-1, (3-mm) Round, PCB Mount Direct View Array, G61XS Series Tantalum Molded Capacitor; Capacitance: 100uF; Voltage: 4V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 330uF; Voltage: 4V; Case Size: 6x3.2 mm; Packaging: Tape & Reel
|
List of Unclassifed Manufacturers Instrument Design Engineering Associates ETC[ETC] Electronic Theatre Controls, Inc.
|
G681 G680 |
Microprocessor Reset IC Tantalum Molded Capacitor; Capacitance: 100uF; Voltage: 16V; Case Size: 4.3x7.3 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 1.5uF; Voltage: 16V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
TEESVA1 |
MOLDED CHIP TANTALUM CAPACITOR
|
Xian Zhi
|
TAJC107K006KNJ TAJC107K016KNJ TAJC107K016HNJ TAJC1 |
General purpose SMT chip tantalum series CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 22 uF, SURFACE MOUNT, 2312 CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 20 V, 47 uF, SURFACE MOUNT, 2312 CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 100 uF, SURFACE MOUNT, 2917 CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 680 uF, SURFACE MOUNT, 2917 CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 100 uF, SURFACE MOUNT, 2312 CHIP CAP 100UF 6V 20% TANT SMD-6032-28 TR-7 CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 100 uF, SURFACE MOUNT, 2312 CAPACITOR, TANTALUM, SOLID, POLARIZED, 16 V, 100 uF, SURFACE MOUNT, 2312 CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 100 uF, SURFACE MOUNT, 2312 CHIP
|
AVX Corporation AVX, Corp.
|
T491A106K010ZT |
Capacitor, Tantalum, SMD, Molded, 10 uF, 3216, /-10% Tol, 10 V (85C)
|
Kemet Corporation
|
T491D337K006AT |
Capacitor, Tantalum, SMD, MnO2, Molded, 330 uF, 7343, /-10% Tol, 6.3V@85C
|
Kemet Corporation
|
T495B106K025ZTE750 |
Capacitor, Tantalum, SMD, Molded, Low ESR, Surge Robust, 10 uF, 3528, /-10% Tol, 25V@85C
|
Kemet Corporation
|
T520B227M006ATE035 |
KEMET Organic Capacitor (KO-CAP) ?Low ESR T520 Series Polymer Tantalum
|
Kemet Corporation
|
KBL005 KBL02 KBL04 KBL10 KBL08 KBL01 KBL06 |
Tantalum Molded Capacitor; Capacitance: 10uF; Voltage: 16V; Packaging: Tape & Reel SINGLE-PHASE SILICON BRIDGE
|
GOOD-ARK[GOOD-ARK Electronics] http://
|
KBA-40 KBA-20 KBA-20_40 KBA-2040 |
Surface Mount Frequency Doublers 1.6 to 4.8 GHz Tantalum Molded Capacitor; Capacitance: .68uF; Voltage: 25V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel
|
http:// MINI[Mini-Circuits]
|
|